PART |
Description |
Maker |
AN1438 |
LOW NOISE AMPLIFIER OPTIMIZED FOR MINIMUM NOISE FIGURE AT 1.9GHZ USING START420
|
SGS Thomson Microelectronics
|
L1935 |
Low Noise Amplifier 1800-1950 MHz, 35 dB Gain, 0.9dB Noise Figure
|
PDI[PREMIER DEVICES, INC.]
|
AN1560.1 |
Making Accurate Voltage Noise and Current Noise Measurements
|
Intersil Corporation
|
SBFP540M |
Ultrahigh-Frequency Transistors UHF to C Band Low Noise Amplifier, Low Phase Noise Oscillation Applications
|
Sanyo Semicon Device
|
MGA-17516-BLKG MGA-17516-TR1G |
Low Noise, High Linearity Match Pair Low Noise Amplifier
|
AVAGO TECHNOLOGIES LIMITED
|
ST-4 |
MINI-NOISE DIODES 10 KHZ TO 3 GHZ 0.00001 GHz - 3 GHz, SILICON, NOISE DIODE
|
Micronetics, Inc.
|
EL2227 EL2227CSZ EL2227CSZ-T13 EL2227CSZ-T7 |
Dual, Op Amp, 115MHz, AV=2, Low Noise 1.9nV/√Hz, 2.5V-12V Dual Very Low Noise Amplifier
|
Intersil Corporation
|
RFN25C-N3A RFN25C-Y1B RFN25C1-Y1B RFN25C2-N3B RFN2 |
NOISE SOURCE, 4000-8000MHz, -144dBm/Hz, 30dB, PANEL MOUNT NOISE SOURCE, -149dBm/Hz, 25dB, PANEL MOUNT NOISE SOURCE, 5850-8200MHz, -149dBm/Hz, 25dB, PANEL MOUNT
|
MICRONETICS INC
|
UPA811T-T1 UPA811 UPA811T PA811T |
Low Noise, High Frequncy Amplifer NPN Transistor(楂??浣??澹版?澶у?NPN?朵?绠? HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4228 SMALL MINI MOLD Low Noise, High Frequncy Amplifer NPN Transistor(高频低噪声放大器NPN晶体
|
NEC[NEC] NEC Corp.
|
UPC1658G UPC1658G-E1 |
RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER Low Noise, High Frequncy Si MMIC Amplifier(低噪声高频率放大 LOW NOISE/ HIGH FREQUENCY Si MMIC AMPLIFIER LOW NOISE, HIGH FREQUENCY Si MMIC AMPLIFIER LOW NOISE HIGH FREQUENCY Si MMIC AMPLIFIER
|
NEC Corp. NEC[NEC]
|
AD603SQ/883B AD603 AD603SQ883B |
Low noise, 90 MHz variable-gain amplifier Low Noise, 90 MHz Variable Gain Amplifier Low Noise, Voltage-Controlled Amplifier For Use In RF And IF AGC Systems
|
Analog Devices, Inc.
|